Part Number Hot Search : 
AVXXX 2N869AX P6KE75 TS378R08 M16V6 7133H A7710 20AA160
Product Description
Full Text Search
 

To Download IRF1010EPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IRF1010EPBF  parameter typ. max. units r jc junction-to-case ??? 0.75 r cs case-to-sink, flat, greased surface 0.50 ??? c/w r ja junction-to-ambient ??? 62 thermal resistance 1 v dss = 60v r ds(on) = 12m ? i d = 84a  s d g to-220ab advanced hexfet ? power mosfets from international rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. this benefit, combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. the to-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. the low thermal resistance and low package cost of the to-220 contribute to its wide acceptance throughout the industry.  advanced process technology  ultra low on-resistance  dynamic dv/dt rating  175c operating temperature  fast switching  fully avalanche rated  lead-free description absolute maximum ratings parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v 84  i d @ t c = 100c continuous drain current, v gs @ 10v 59 a i dm pulsed drain current  330 p d @t c = 25c power dissipation 200 w linear derating factor 1.4 w/c v gs gate-to-source voltage 20 v i ar avalanche current  50 a e ar repetitive avalanche energy  17 mj dv/dt peak diode recovery dv/dt  4.0 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c mounting torque, 6-32 or m3 srew 10 lbf?in (1.1n?m) www.kersemi.com
 2 s d g parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) ??? ??? showing the i sm pulsed source c urrent integral reverse (body diode)  ??? ??? p-n junction diode. v sd diode forward voltage ??? ??? 1.3 v t j = 25c, i s = 50a, v gs = 0v  t rr reverse recovery time ??? 73 110 ns t j = 25c, i f = 50a q rr reverse recovery charge ??? 220 330 nc di/dt = 100a/s  t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) source-drain ratings and characteristics 84  330   starting t j = 25c, l = 260h r g = 25 ? , i as = 50a, v gs =10v (see figure 12)   repetitive rating; pulse width limited by max. junction temperature. (see fig. 11)   i sd  50a  di/d   230a/s, v dd   v (br)dss , t j 175c  pulse width 400s; duty cycle 2%.  this is a typical value at device destruction and represents operation outside rated limits.  this is a calculated value limited to t j = 175c .  calculated continuous current based on maximum allowable junction temperature. package limitation current is 75a. parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 60 ??? ??? v v gs = 0v, i d = 250a ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.064 ??? v/c reference to 25c, i d = 1ma r ds(on) static drain-to-source on-resistance ??? ??? 12 m ? v gs = 10v, i d = 50a  v gs(th) gate threshold voltage 2.0 ??? 4.0 v v ds = v gs , i d = 250a g fs forward transconductance 69 ??? ??? s v ds = 25v, i d = 50a  ??? ??? 25 a v ds = 60v, v gs = 0v ??? ??? 250 v ds = 48v, v gs = 0v, t j = 150c gate-to-source forward leakage ??? ??? 100 v gs = 20v gate-to-source reverse leakage ??? ??? -100 na v gs = -20v q g total gate charge ??? ??? 130 i d = 50a q gs gate-to-source charge ??? ??? 28 nc v ds = 48v q gd gate-to-drain ("miller") charge ??? ??? 44 v gs = 10v, see fig. 6 and 13 t d(on) turn-on delay time ??? 12 ??? v dd = 30v t r rise time ??? 78 ??? i d = 50a t d(off) turn-off delay time ??? 48 ??? r g = 3.6 ? t f fall time ??? 53 ??? v gs = 10v, see fig. 10  between lead, ??? ??? 6mm (0.25in.) from package and center of die contact c iss input capacitance ??? 3210 ??? v gs = 0v c oss output capacitance ??? 690 ??? v ds = 25v c rss reverse transfer capacitance ??? 140 ??? pf ? = 1.0mhz, see fig. 5 e as single pulse avalanche energy  ??? 1180  320  mj i as = 50a, l = 260h nh electrical characteristics @ t j = 25c (unless otherwise specified) l d internal drain inductance l s internal source inductance ??? ??? s d g i gss ns 

i dss drain-to-source leakage current www.kersemi.com
 3 fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics 1 10 100 1000 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 10 100 1000 0.1 1 10 100 20s pulse width t = 175 c j top bottom vgs 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v 4.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 4.5v 10 100 1000 4 5 6 7 8 9 10 11 v = 25v 20s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 175 c j -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 84a www.kersemi.com
 4 fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0 20 40 60 80 100 120 140 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-source voltage (v) g gs for test circuit see figure i = d 13 50a v = 12v ds v = 30v ds v = 48v ds 0.1 1 10 100 1000 0.0 0.6 1.2 1.8 2.4 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 175 c j 1 10 100 v ds , drain-to-source voltage (v) 0 1000 2000 3000 4000 5000 6000 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 1 10 100 1000 v ds , drain-tosource voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 175c single pulse 1msec 10msec operation in this area limited by r ds (on) 100sec www.kersemi.com
 5 fig 11. maximum effective transient thermal impedance, junction-to-case fig 9. maximum drain current vs. case temperature v ds 90% 10% v gs t d(on) t r t d(off) t f  
 1     0.1 %       + -    
 
    
   25 50 75 100 125 150 175 0 20 40 60 80 100 t , case temperature ( c) i , drain current (a) c d limited by package 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) www.kersemi.com
 6 q g q gs q gd v g charge d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + -   
   
 
                  
 t p v (br)dss i as       !  "  #$  25 50 75 100 125 150 175 0 200 400 600 800 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 20a 35a 50a r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v v gs www.kersemi.com
 7  
       p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -      ?   ?      ?     !  
% "  #"!  ! ? #$%  ? &'  ? #$#() " !*+  %  !' *  *'",   &' %%%   -
 *#) #.     !    for n-channel  hexfet ? power mosfets www.kersemi.com
 8 

  
         

  
   
                           ! "" #$ %&&!'()* )#$! +&# #$ #$,#-% !& "!%, . /!!"      " "     0  www.kersemi.com


▲Up To Search▲   

 
Price & Availability of IRF1010EPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X